Part Number Hot Search : 
HER08 3DD5040 N0417 MT4600 SMBJ160 A1972 P2010 2SAR554P
Product Description
Full Text Search
 

To Download 22CGQ045-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky rectifier 30amp, 45v 22cgq045 jans1n6660cct1 jantx1n6660cct1 jantxv1n6660cct1 major ratings and characteristics description/features  case style www.irf.com 1 characteristics 1n6660cct1 units i f(av) 30 a v rrm (per leg) 45 v i fsm @ tp = 8.3ms half-sine (per leg) 300 a v f @ 20apk, t j =125c 0.70 v (per leg) t j , t stg operating and storage -65 to 150 c high efficiency series case outline and dimensions - to-254aa 6.60 [.260] 6.32 [.249] 1.27 [.050] 1.02 [.040] 0.12 [.005] 13.84 [.545] 13.59 [.535] 13.84 [.545] 13.59 [.535] 3.81 [.150] 2x 17.40 [.685] 16.89 [.665] a 1.14 [.045] 0.89 [.035] 0.36 [.014] b a 3x b 20.32 [.800] 20.07 [.790] 3.78 [.149] 3.53 [.139] 123 17.40 [.685] 16.89 [.665] 3.81 [.150] 0.84 [.033] max . c not e s : 1. dimens ioning & tolerancing per as me y14.5m-1994. 2. al l dime ns ions are s hown in mil l ime t e rs [inche s ]. 3. cont rolling dimens ion: inch. 4 . con f or ms t o j e de c ou t l i n e t o-25 4aa. the 1n6660cct1 center tap schottky rectifier has been expressly designed to meet the rigorous requirements of high reliability environments. it is packaged in the hermetic isolated to-254aa package. the device's forward voltage drop and reverse leakage current are optimized for the lowest power loss and the highest circuit efficiency for typical high frequency switching power supplies and resonent power converters. full mil-prf-19500 quality conformance testing is available on source controlled drawings to tx, txv and s levels. ? hermetically sealed ? center tap ? high frequency operation ? guard ring for enhanced ruggedness and long term reliability ? electrically isolated ref: mil-prf-19500/608   
 2 1 3       ? esd rating: class 3a per mil-std-750, method 1020 pd-20346g
22cgq045, 1n6660cct1 2 www.irf.com part number 1n6660cct1 v r max. dc reverse voltage (v) (per leg) v rwm max. working peak reverse voltage (v) (per leg) voltage ratings 45 parameters limits units conditions i f(av) max. average forward current 30 a 50% duty cycle @ t c = 118c, rectangular waveform see fig. 5 i fsm max. peak one cycle non - repetitive 300 a @ t p = 8.3 ms half-sine surge current (per leg) absolute maximum ratings   pulse width < 300s, duty cycle < 2% parameters limits units conditions t j max.junction temperature range -65 to 125 c t stg max. storage temperature range -65 to 150 c r thjc max. thermal resistance, junction 1.65 c/w dc operation see fig. 4 to case (per leg) r thjc max. thermal resistance, junction 0.85 c/w dc operation to case (per package) wt weight (typical) 9.3 g die size 150x150 mils case style to-254aa thermal-mechanical specifications parameters limits units conditions v fm max. forward voltage drop 0.80 v @ 15a (per leg)  0.55 v @ 5.0a 0.75 v @ 15a 1.0 v @ 30a i rm max. reverse leakage current 1.0 ma t j = 25c (per leg) see fig. 2  40 ma t j = 125c c t max. junction capacitance (per leg) 2000 pf v r = 5v dc ( 1mhz, 25c ) l s typical series inductance (per leg) 6.7 nh measured from anode lead to cathode lead 6mm ( 0.025 in.) from package electrical specifications t j = -55c t j = 25c  see fig. 1 v r = rated v r
22cgq045, 1n6660cct1 www.irf.com 3 fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 1 - typical forward voltage drop characteristics (per leg) 0.0001 0.001 0.01 0.1 1 10 100 0 1020304050 r a t = 150c 125c 100c 25c j reverse voltage - v (v) reverse current - i r ( ma )
22cgq045, 1n6660cct1 4 www.irf.com fig. 5 - max. allowable case temperature vs. average forward current (per package) fig. 4 - max. thermal impedance z thjc characteristics (per leg) 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) d = 0.4 d = 0.5 d = 0.2 d = 0.1 d = 0.3 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 0 5 10 15 20 25 30 35 40 average forward current - i f(av) (a) 0 20 40 60 80 100 120 140 160 a l l o w a b l e c a s e t e m p e r a t u r e - ( c ) r thjc (dc) = 0.85c/w 80 % square wave (d=0.50) rated v r applied dc ir world headquarters: 101 n, sepulveda blvd, el segundo, california 90245, usa tel: (310) 252-7105 ir leominster : 205 crawford st., leominster, massachusetts 01453, usa tel: (978) 534-5776 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 03/2014


▲Up To Search▲   

 
Price & Availability of 22CGQ045-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X